Part Number Hot Search : 
80000 SI9430 M5675 ICS308RT CSB20C04 1N5398 SM80C15 2SK246GR
Product Description
Full Text Search
 

To Download CSS500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CSS500 series 3055 del sol blvd ? san diego, ca 92154 ? 1-800-526-2324 29 ? high efficiency ? uses less energy ? current share and oring fet ? use in redundant applications ? dual input fuses ? easier system compliance feature benefit medical test and measurement ? 360w convection rating ? high efficiency ? iec60601-1 or iec60950-1 certifications ? oring fet & current share key market segments & applications features and benefits 500w ac-dc medical or industrial power supplies CSS500 items input voltage range - 90 - 264vac (47 - 63hz) inrush current a <50a maximum at 230vac input, 25c ambient cold start input current (115/230vac) a 6 / 3a power factor correction - meets en61000-3-2, >0.9 leakage current a <300a 264vac 63hz hold up time (typ) ms 20ms at 115vac input, 360w loading temperature coefficient - 0.04%/c voltage accuracy % 1% at 60% load adjustment range % none total regulation - 5% ripple & noise % 1% peak to peak (5vsb also) overcurrent protection - 110 - 150% overvoltage protection v 110 - 130% of nominal (cycle input power or use remote on/off to reset) overtemperature protection - yes (cycle input power or use remote on/off to reset) remote on/off - unit on: floating or high 3.5 - 5.25v, unit off: low or <0 - 0.5v efficiency % 87% to 92%, model & input dependant standby voltage - 5v 1a (5v 0.25a when convection cooled or when inhibit is activated) fan output - 12v 1a current share - single wire, up to 4 units can be shared within 10% accuracy at full load dc good & fan fail signals - both low on fail oring fet - yes, for redundant operation operating temperature c convection (u channel): 0 to +70c, derate linearly to 35% load from 40 to 70c forced air (or internal fan): 0 to +70c, derate linearly to 50% load from 50 to 70c storage temperature c -10 to +85c humidity (non condensing) % 10 - 95% rh cooling - convection or forced air (30cfm or 3.1m/s). internal fan is temperature controlled withstand voltage (1) - input to ground 1.5kvac, input to output 4kvac(1), output to ground 500vac for 1 min. isolation resistance - >20m at 25c & 70%rh, output to ground 500vdc vibration (non operating) - 19.6m/s 2 (10~55hz:2g constant, x,y,z 60min each.) shock - < 196.1 m/s 2 (20g) safety agency approvals - medical version: ul60601-1, iec60601-1, industrial version: ul60950-1, en60601-1, ce mark conducted & radiated emi - medical version: en55011-b, fcc class b, industrial: en55022, fcc class b immunity - medical version: en60601-1-2, industrial: en55024 mtbf - >68,695 (mil-217f-hdbk) weight (typ) g 340g (u channel) size (wxlxh) in u channel: 8 x 4.7 x 1.51", end fan (/s) 9 x 4.7 x 1.63", top fan (/t) 8 x 4.7 x 2.85" warranty yr two years specifications note (1) industrial version (i suffix): 3kvac
CSS500 series 3055 del sol blvd ? san diego, ca 92154 ? 1-800-526-2324 30 model selector CSS500-12 12v 30a 360w 41.67a 500w CSS500-24 24v 15a 360w 20.84a 500w CSS500-30 30v 12a 360w 16.67a 500w CSS500-36 36v 10a 360w 13.89a 500w CSS500-48 48v 7.5a 360w 10.42a 500w CSS500-54 54v 6.67a 360w 9.26a 500w CSS500-57 57v 6.32a 360w 8.78a 500w output maximum maximum maximum maximum model voltage (v) curr. conv. (a) power conv. (w) curr. forced air pwr forced air blank yes - - yes - /s - yes - yes - /t - - yes yes - i yes - - - yes /si - yes - - yes / t i - - ye s - ye s mechanical safety certifications suffix u channel end fan top fan medical industrial revision a3: apr 2011 for additional information, please visit us.tdk-lambda.com/lp/products/css-series.htm km 15 - 40w pcb mount medical css65, 150 40 - 150w open frame nv175 175 - 200w 1-4 outputs nv300 300w 1-4 outputs other medical ac-dc products fan1 cn5 8.25 50.85 8.25 26.75 cn1 cn4 power good gnd gnd fan fault fan full speed cn5 p2.54-2*3p molex p/n:90122-0123 or equivalent cn3 p2.5-6p (option) molex p/n:48152-0610 or equivalent pin1 pin2 pin3 pin4 pin5 pin6 gnd current share inhibit 5vsb -sensor +sensor cn2 p2.5-2p molex p/n:48152-0210 or equivalent pin1 pin2 5vsb gnd fan1 p2.5-2p molex p/n:48153-0210 or equivalent 12v fan + 12v fan - pin1 pin2 fan2 p2.5-2p (with speed control) molex p/n:48152-0210 or equivalent fan + fan - pin1 pin2 1 acn acl fc n.c v+ v+ v+ v- v- v- 203.2 12.7 8.9 12.7 8.9 12.7 8.4 12.7 8.9 19.0 8.9 8.9 19.0 93.1 185.4 185.4 19.0 12.0 4-m3p0.5 2-m3p0.5 cn4 fan2 cn2 cn3 cn1 recommended direction for force airflow 38.5 118.5 t2 q2 q7 q6 outline drawings options


▲Up To Search▲   

 
Price & Availability of CSS500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X